Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download 781-50000-AF0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed features ? 3.3v operation ? standby function ? tape and reel (3,000 pcs. std) frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm operating temperature (oc) -20 ~ +70 -40 ~ +85 -20 ~ +70 -40 ~ +85 -20 ~ +70 frequency range (mhz) 0.750 ~ 50.000 0.750 ~ 50.000 0.750 ~ 50.000 0.750 ~ 50.000 0.750 ~ 50.000 f230 f230r f235 f235r f236 0.750 ~ 50.000 mhz -55oc ~ +100oc 3.3v 5% 7ma 13ma 19ma 45% ~ 55% 10ns 10ns 10% v dd 90% v dd min 5ma min -5ma min 15pf 5a 10ms 150ns 10ms 5 ppm 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) 0.750 ~ 19.999 mhz 19.999+ ~ 39.999 mhz 39.999+ ~ 50.000 mhz output symmetry (50% v dd ) rise time (10% ~ 90% v dd ) (t r ) fall time (90% ~ 10% v dd ) (t f ) output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) output disable time 2 output enable time 2 aging (ta=25oc: per year) refow soldering temp moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, shock, and vibration. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. note: a 0.01f capacitor should be placed between v dd (pin 4) and gnd (pin2) to minimize power supply noise. all specifcations subject to change without notice. output (pin 3) active active high z ? enable / disable function inh (pin 1) open '1' level v ih 80% v dd '0' level v il 20% v dd all dimensions are in millimeters. model number part number 781-frequency-xxxxx 781r-frequency-xxxxx 782-frequency-xxxxx 782r-frequency-xxxxx 783-frequency-xxxxx ? part number selection learn more - internet required hcmos 2.5x2mm 3.3v oscillator rev. 5/20/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f230 series page 1 of 2 pin connection #1 e/d #3 output #2 gnd #4 v dd 2.50.1 0.80.1 0.95 2.00.1 0.78 0.65 0.68 recommended solder pad layout 0.9 0.95 0.8 0.65 #1 #4 #2 #3 #4 #3 #2 #1
49 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed hcmos 2.5x2mm 3.3v oscillator rev. 5/20/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f230 series page 2 of 2 4 4 .0 d h f d a te c ode: y e a r: e = 2 0 0 6 , f = 2007, etc m o n th : a = ja n , b = f e b , etc. t ra ck c ode f re q u ency d e n o tes p a d -1 f 2 3 0 , f 2 4 0 s e rie s m a rk in g id en tificatio n * m o d e ls: f 2 3 0 , f 2 3 0 r , f 2 3 5 , f 235r , f 236 f 2 4 0 , f 2 4 0 r , f 2 4 5 , f 245r , f 246 *p ro d u ct fa m ily, su p p ly vo lta g e , fre q u e n cy sta bility, and operating tem perature w ill n o t b e id e n tifie d fro m m a rkin g . e xte rn a l p ackaging labels and receiving invoice w ill co rre ctly id e n tify o rd ered f ox part num ber. ? tape specificatio ns (millimeters) model f230 series a ? 1.5 b 4.0 c 4.0 d 3.5 e 8.0 f 1.15 std reel qty 3,000 ? reel specificatio ns (millimeters) g 2.0 h ? 13 i ? 21 j ? 60 k ? 180 l 9.0 m 2.0 model f230 series


▲Up To Search▲   

 
Price & Availability of 781-50000-AF0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X